データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM337D2TG データシート(PDF) 1 Page - ON Semiconductor

部品番号 LM337D2TG
部品情報  1.5 A, Adjustable Output Negative Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2TG データシート(HTML) 1 Page - ON Semiconductor

  LM337D2TG Datasheet HTML 1Page - ON Semiconductor LM337D2TG Datasheet HTML 2Page - ON Semiconductor LM337D2TG Datasheet HTML 3Page - ON Semiconductor LM337D2TG Datasheet HTML 4Page - ON Semiconductor LM337D2TG Datasheet HTML 5Page - ON Semiconductor LM337D2TG Datasheet HTML 6Page - ON Semiconductor LM337D2TG Datasheet HTML 7Page - ON Semiconductor LM337D2TG Datasheet HTML 8Page - ON Semiconductor LM337D2TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 10
1
Publication Order Number:
LM337/D
LM337
1.5 A, Adjustable Output,
Negative Voltage Regulator
The LM337 is an adjustable 3−terminal negative voltage regulator
capable of supplying in excess of 1.5 A over an output voltage range of
−1.2 V to − 37 V. This voltage regulator is exceptionally easy to use
and requires only two external resistors to set the output voltage.
Further, it employs internal current limiting, thermal shutdown and
safe area compensation, making it essentially blow−out proof.
The LM337 serves a wide variety of applications including local, on
card regulation. This device can also be used to make a programmable
output regulator, or by connecting a fixed resistor between the
adjustment and output, the LM337 can be used as a precision current
regulator.
Features
Output Current in Excess of 1.5 A
Output Adjustable between −1.2 V and −37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting Constant with Temperature
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking many Fixed Voltages
Available in Surface Mount D2PAK and Standard 3−Lead Transistor
Package
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Standard Application
Vout + –1.25V 1 )
R
2
R
1
*Cin is required if regulator is located more than 4 inches from power supply filter.
* A 1.0
mF solid tantalum or 10 mF aluminum electrolytic is recommended.
**CO is necessary for stability. A 1.0 mF solid tantalum or 10 mF aluminum electrolytic
** is recommended.
LM337
IPROG
Cin*
1.0
mF
+
-Vin
Vin
Vout
-Vout
CO**
1.0
mF
+
IAdj
R1
120
R2
THREE−TERMINAL
ADJUSTABLE NEGATIVE
VOLTAGE REGULATOR
TO−220AB
T SUFFIX
CASE 221AB
1
MARKING
DIAGRAMS
LM
337xx
AWLYWWG
Pin 1. Adjust
2. Vin
3. Vout
Heatsink surface
connected to Pin 2.
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
xx
= BT, T
yyyy
= BD2T, D2T
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
www.onsemi.com
D2PAK
D2T SUFFIX
CASE 936
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
LM
337yyyy
AWLYWWG


同様の部品番号 - LM337D2TG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
More results

同様の説明 - LM337D2TG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com