データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA378R12PI データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 KIA378R12PI
部品情報  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R12PI データシート(HTML) 2 Page - KEC(Korea Electronics)

  KIA378R12PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA378R12PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008. 6. 24
2/7
KIA378R05PI~KIA378R15PI
Revision No : 4
OUTPUT ON/OFF
CONTROL
-
+
1
4
2 Vo
VIN
GND
3
OVER HEAT
PROTECTION
ASO
PROTECTION
BANDGAP
REFERENCE
VC
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=1.0A, Ta=25 , Note1.)
Note1) VIN of KIA378R05=7V
Note2) VIN of KIA378R05=6 12V
Note3) At VIN=0.95VO
"
KIA378R06=8V
"
KIA378R06=7
15V
"
KIA378R08=10V
"
KIA378R08=9
25V
"
KIA378R09=15V
"
KIA378R09=10
25V
"
KIA378R10=16V
"
KIA378R10=11
26V
"
KIA378R12=18V
"
KIA378R12=13
29V
"
KIA378R15=21V
"
KIA378R15=16
32V
BLOCK DIAGRAM
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA378R05
VO
-
4.88
5.0
5.12
V
KIA378R06
-
5.85
6.0
6.15
KIA378R08
-
7.80
8.0
8.2
KIA378R09
-
8.78
9.0
9.22
KIA378R10
-
9.75
10.0
10.25
KIA378R12
-
11.70
12.0
12.30
KIA378R15
-
14.70
15.0
15.30
Load Regulation
Reg Load
IO=5mA 3A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
-
0.02
0.05
%/
Ripple Rejection
R
R
-
45
55
-
dB
Drop Out Voltage
VD
IO=3A
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA


同様の部品番号 - KIA378R12PI

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIA378R12PI KEC-KIA378R12PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
More results

同様の説明 - KIA378R12PI

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com