データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA7912P データシート(PDF) 5 Page - KEC(Korea Electronics)

部品番号 KIA7912P
部品情報  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7912P データシート(HTML) 5 Page - KEC(Korea Electronics)

  KIA7912P Datasheet HTML 1Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 2Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 3Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 4Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 5Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 6Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 7Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 8Page - KEC(Korea Electronics) KIA7912P Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2012. 2. 21
5/15
KIA7905P~KIA7924P
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA7907P
(Unless otherwise specified, VIN=-12V, IOUT=500mA, 0℃≦Tj≦125℃, CIN=2.2μF, COUT=1μF)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig.1
Tj=25℃
-7.28
-7.0
-6.72
V
Input Regulation
Reg line
Fig.1
Tj=25℃
-15V
≦VIN≦-10V
-
10
70
mV
-25V
≦VIN≦-9V
-
45
140
Load Regulation
Reg load
Fig.1
Tj=25℃
5mA
≦IOUT≦1.5A
-
20
140
mV
250mA
≦IOUT≦750mA
-
7
70
Output Voltage
VOUT
Fig.1
-22V
≦VIN≦-9V
5mA
≦IOUT≦1.0A
-7.35
-
-6.65
V
Quiescent Current
IB
Fig.1
Tj=25℃
-
4.3
8.0
mA
Quiescent
Current Change
Line
ΔIBI
Fig.1
-25V
≦VIN≦-9V
-
-
1.0
mA
Load
ΔIBO
5mA
≦IOUT≦1.0A
-
-
0.5
Output Noise Voltage
VNO
Fig.2
Ta=25
℃, 10Hz≦f≦100kHz
-
49
-
μVrms
Ripple Rejection Ratio
RR
Fig.3
f=120Hz, IOUT=20mA,
60
67
-
dB
Short Circuit Current Limit
ISC
Fig.1
Tj=25℃
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig.1
IOUT=5mA
-
0.9
-
mV/
Dropout Voltage
VD
Fig.1
Tj=25℃, IOUT=1A
-
2.0
-
V


同様の部品番号 - KIA7912P

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIA7912P KEC-KIA7912P Datasheet
145Kb / 15P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7912PI KEC-KIA7912PI Datasheet
620Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7912PI KEC-KIA7912PI Datasheet
568Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

同様の説明 - KIA7912P

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com