データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC6981F データシート(PDF) 3 Page - KEC(Korea Electronics)

部品番号 KIC6981F
部品情報  1.5A 1-Channel Current Limited Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F データシート(HTML) 3 Page - KEC(Korea Electronics)

  KIC6981F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013. 1. 17
3/8
KIC6981F/MF
Revision No : 1
ELECTRICAL CHARACTERISTICS (V
IN=5V, TA=25℃, Unless otherwise stated)
CHARACTERISTIC
Symbol
Test Conditions
Min
Typ
Max
Units
Input UVLO
VUVLO
2.0
2.2
2.4
V
Hysteresis
50
100
150
mV
Input Shutdown Current
ISHDN
Disabled, IOUT = 0
0.2
0.5
1
Input Quiescent Current
IQ
Enabled, IOUT = 0
20
45
70
Input Leakage Current
ILEAK
Disabled, OUT grounded
-
0.1
1
Reverse Leakage Current
IREV
Disabled, VIN = 0V,
VOUT = 5V, IREV at VIN
-
0.1
1
Switch on-resistance
RDS(ON)
VIN= 5V, IOUT = 1.5A, TA=25℃
70
90
115
m
VIN= 5V, IOUT = 1.5A, -40℃≤TA≤85℃
-
-
140
m
Short-Circuit Current Limit
ILIMIT
VIN= 5V, VOUT = 4V, CL=120㎌, -40℃≺TA≺85℃
1.6
2.1
2.6
A
Current limiting trigger threshold
ITrig
Output Current Slew rate(<100A/s), CL=120㎌
-
2.6
-
A
EN Input Logic Low Voltagve
VIL
VIN= 2.7V to 5.5V
-
-
0.8
V
EN Input Logic High Voltagve
VIH
VIN= 2.7V to 5.5V
2
-
-
V
EN Input leakage
ISINK
VEN=5V
-
-
1
Output turn-on delay time
TD(on)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-off delay time
TD(off)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-on rise time
TR
CL=1㎌, Rload=10Ω
-
0.6
1.5
ms
Output turn-on fall time
TF
CL=1㎌, Rload=10Ω
-
0.2
0.4
ms
Discharge time
TDIS
CL=120㎌, Rload=10Ω
disabled to VOUT < 0.5V
1
3
6
ms
FLG blanking time
TBlank
CIN = 10㎌, CL = 22㎌
4
7
15
ms
Thermal Shutdown Threshold
TSHDN
Enabled, Rload = 1
130
150
170
Thermal Shutdown Hysteresis
THYS
Disabled, OUT grounded
-
25
-


同様の部品番号 - KIC6981F_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

同様の説明 - KIC6981F_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com