データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2PB1424_15 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 2PB1424_15
部品情報  20 V, 3 A PNP low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PB1424_15 データシート(HTML) 1 Page - NXP Semiconductors

  2PB1424_15_15 Datasheet HTML 1Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 2Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 3Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 4Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 5Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 6Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 7Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 8Page - NXP Semiconductors 2PB1424_15_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a medium power
SOT89 (SC-62/TO-243) flat lead Surface-Mounted Device (SMD) plastic package.
NPN complement: 2PD2150.
1.2 Features
I Low collector-emitter saturation voltage VCEsat
I High collector current capability IC and ICM
I High collector current gain (hFE) at high IC
I High efficiency due to less heat generation
I Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
1.3 Applications
I DC-to-DC conversion
I MOSFET gate driving
I Motor control
I Charging circuits
I Power switches (e.g. motors, fans)
I Thin Film Transistor (TFT) backlight inverter
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2PB1424
20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 — 15 January 2007
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−20
V
IC
collector current
-
-
−3A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--
−5A
VCEsat
collector-emitter
saturation voltage
IC = −2A;
IB = −0.1 A
[1] -
−0.2
−0.5
V


同様の部品番号 - 2PB1424_15_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2PB1424 PHILIPS-2PB1424 Datasheet
69Kb / 11P
   20 V, 3 A PNP low VCEsat transistor
Rev. 01-2 May 2005
2PB1424 NXP-2PB1424 Datasheet
134Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
2PB1424 NEXPERIA-2PB1424 Datasheet
719Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 15 January 2007
More results

同様の説明 - 2PB1424_15_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
PBSS5320T PHILIPS-PBSS5320T Datasheet
85Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
2PB1424 NXP-2PB1424 Datasheet
134Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
PBSS5320X NEXPERIA-PBSS5320X Datasheet
261Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS5320T NXP-PBSS5320T Datasheet
178Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
PBSS5320X NXP-PBSS5320X Datasheet
203Kb / 12P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
2PB1424 NEXPERIA-2PB1424 Datasheet
719Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 15 January 2007
logo
NXP Semiconductors
PBSS5320T PHILIPS-PBSS5320T_15 Datasheet
178Kb / 10P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Jan 15
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com