データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL6283MPBF データシート(PDF) 9 Page - International Rectifier

部品番号 IRL6283MPBF
部品情報  Environmentally Friendly Product
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRL6283MPBF データシート(HTML) 9 Page - International Rectifier

  IRL6283MPBF Datasheet HTML 1Page - International Rectifier IRL6283MPBF Datasheet HTML 2Page - International Rectifier IRL6283MPBF Datasheet HTML 3Page - International Rectifier IRL6283MPBF Datasheet HTML 4Page - International Rectifier IRL6283MPBF Datasheet HTML 5Page - International Rectifier IRL6283MPBF Datasheet HTML 6Page - International Rectifier IRL6283MPBF Datasheet HTML 7Page - International Rectifier IRL6283MPBF Datasheet HTML 8Page - International Rectifier IRL6283MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
September 24, 2014
IRL6283MTRPbF
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
DirectFET® Tape & Reel Dimension (Showing component orientation).
Qualification Information
Moisture Sensitivity Level
DirectFET
MSL1
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRL6283MTRPBF). For 1000 parts on 7"
reel, order IRL6283MTR1PBF
REEL DIMENSIONS
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
IMPERIAL
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
STANDARD OPTION (QTY 4800)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
METRIC
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
TR1 OPTION (QTY 1000)
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
IMPERIAL
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Revision History
Date
Comments
2/4/2014
Converted the data sheet to StrongIRFET template.
Updated the schematic drawing, on page 1.
9/24/2014
Updated notes on page 2 & page 3


同様の部品番号 - IRL6283MPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
More results

同様の説明 - IRL6283MPBF

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
TE Connectivity Ltd
PCB-PB TEC-PCB-PB Datasheet
228Kb / 2P
   Environmentally-friendly cadmium-free contacts
logo
Laird Tech Smart Techno...
AA-100-24-44-00-XX LSTD-AA-100-24-44-00-XX Datasheet
1Mb / 3P
   Environmentally friendly solid state operation ??no compressor or CFC refrigerants
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com