データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL7472L1PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRL7472L1PBF
部品情報  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRL7472L1PBF データシート(HTML) 1 Page - International Rectifier

  IRL7472L1PBF_15 Datasheet HTML 1Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 2Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 3Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 4Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 5Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 6Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 7Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 8Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
StrongIRFET™
IRL7472L1TRPbF
Application
Brushed Motor drive applications
 BLDC Motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Fig 1. Typical On-Resistance vs. Gate Voltage
DirectFET® N-Channel Power MOSFET 
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
February 25, 2015
VDSS
40V
RDS(on) typ.
0.34m

max
@
VGS = 10V
0.59m

RDS(on) typ.
0.52m

max
@ VGS = 4.5V
0.97m

ID (Silicon Limited)
564A
DirectFET™ ISOMETRIC
 
 
L8
Benefits
Optimized for Logic Level Drive
Improved Gate, Avalanche and Dynamic dv/dt Ruggedness

Fully Characterized Capacitance and Avalanche SOA

Enhanced body diode dv/dt and di/dt Capability
Lead-Free, RoHS Compliant
Base part number
Package Type
Standard Pack
Form
Quantity
IRL7472L1PbF
Direct FET Large Can (L8)
Tape and Reel
4000
IRL7472L1TRPbF
Orderable Part Number
D
D
G
S
S
S
S
S
S
S
S
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
100
200
300
400
500
600
Limited by package
Fig 2. Maximum Drain Current vs. Case Temperature
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID = 195A
TJ = 25°C
TJ = 125°C


同様の部品番号 - IRL7472L1PBF_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
More results

同様の説明 - IRL7472L1PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com