データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLB3813PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLB3813PBF
部品情報  Optimized for UPS/Inverter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLB3813PBF データシート(HTML) 2 Page - International Rectifier

  IRLB3813PBF Datasheet HTML 1Page - International Rectifier IRLB3813PBF Datasheet HTML 2Page - International Rectifier IRLB3813PBF Datasheet HTML 3Page - International Rectifier IRLB3813PBF Datasheet HTML 4Page - International Rectifier IRLB3813PBF Datasheet HTML 5Page - International Rectifier IRLB3813PBF Datasheet HTML 6Page - International Rectifier IRLB3813PBF Datasheet HTML 7Page - International Rectifier IRLB3813PBF Datasheet HTML 8Page - International Rectifier IRLB3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLB3813PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
11
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.60
1.95
m
–––
2.00
2.60
VGS(th)
Gate Threshold Voltage
1.35
1.90
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-7.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
100
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
57
86
Qgs1
Pre-Vth Gate-to-Source Charge
–––
16
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
6.7
–––
nC
Qgd
Gate-to-Drain Charge
–––
19
–––
Qgodr
Gate Charge Overdrive
–––
15
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
25.7
–––
Qoss
Output Charge
–––
35
–––
nC
RG
Gate Resistance
–––
0.87
1.3
td(on)
Turn-On Delay Time
–––
36
–––
tr
Rise Time
–––
170
–––
ns
td(off)
Turn-Off Delay Time
–––
33
–––
tf
Fall Time
–––
60
–––
Ciss
Input Capacitance
–––
8420
–––
Coss
Output Capacitance
–––
1620
–––
pF
Crss
Reverse Transfer Capacitance
–––
650
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
260
h
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
1050
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
22
33
nC
ƒ = 1.0MHz
VGS = 4.5V, ID = 48A
e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 150µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 60A e
MOSFET symbol
VDS = 15V, ID = 48A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 48A
VDS = 15V
Conditions
See Fig. 14
VGS = 4.5V
TJ = 25°C, IF = 48A, VDD = 15V
di/dt = 244A/µs
e
TJ = 25°C, IS = 48A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
–––
ID = 48A
VGS = 0V
VDS = 15V
RG = 1.8
Max.
520
48


同様の部品番号 - IRLB3813PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF Datasheet
248Kb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
More results

同様の説明 - IRLB3813PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com