データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP68 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 BCP68
部品情報  20 V, 2 A NPN medium power transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 データシート(HTML) 9 Page - NXP Semiconductors

Back Button BCP68_15 Datasheet HTML 5Page - NXP Semiconductors BCP68_15 Datasheet HTML 6Page - NXP Semiconductors BCP68_15 Datasheet HTML 7Page - NXP Semiconductors BCP68_15 Datasheet HTML 8Page - NXP Semiconductors BCP68_15 Datasheet HTML 9Page - NXP Semiconductors BCP68_15 Datasheet HTML 10Page - NXP Semiconductors BCP68_15 Datasheet HTML 11Page - NXP Semiconductors BCP68_15 Datasheet HTML 12Page - NXP Semiconductors BCP68_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
9 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
FR4 PCB, mounting pad for collector 1 cm2
Fig 8.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
FR4 PCB, mounting pad for collector 6 cm2
Fig 9.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aac681
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
006aac682
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02


同様の部品番号 - BCP68_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68_15 Datasheet
811Kb / 2P
   NPN Transistors
logo
Unisonic Technologies
BCP68 UTC-BCP68_15 Datasheet
182Kb / 3P
   NPN MEDIUM POWER TRANSISTOR
More results

同様の説明 - BCP68_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
   20 V, 2 A NPN medium power transistors
BCP68-Q_SER NEXPERIA-BCP68-Q_SER Datasheet
244Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
   20 V, 2 A PNP medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com