データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML0030PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLML0030PBF
部品情報  ADVANCED PROCESS TECHNOLOGY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML0030PBF データシート(HTML) 2 Page - International Rectifier

  IRLML0030PBF_15 Datasheet HTML 1Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 2Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 3Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 4Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 5Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 6Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 7Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 8Page - International Rectifier IRLML0030PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML0030TRPbF
2
www.irf.com
D
S
G
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
–––
33
40
–––
22
27
VGS(th)
Gate Threshold Voltage
1.3
1.7
2.3
V
IDSS
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
2.3
–––
Ω
gfs
Forward Transconductance
9.5
–––
–––
S
Qg
Total Gate Charge
–––
2.6
–––
Qgs
Gate-to-Source Charge
–––
0.8
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.1
–––
td(on)
Turn-On Delay Time
–––
5.2
–––
tr
Rise Time
–––
4.4
–––
td(off)
Turn-Off Delay Time
–––
7.4
–––
tf
Fall Time
–––
4.4
–––
Ciss
Input Capacitance
–––
382
–––
Coss
Output Capacitance
–––
84
–––
Crss
Reverse Transfer Capacitance
–––
39
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
4.0
6.0
nC
–––
–––
–––
–––
pF
A
1.6
21
VDD =15Vd
nA
nC
ns
VDS = VGS, ID = 25μA
VDS =24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 10V, ID = 5.2A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 4.2A d
MOSFET symbol
showing the
VDS =15V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 15V
ƒ = 1.0MHz
RG = 6.8
Ω
VGS = 4.5V d
di/dt = 100A/μs
d
VGS = 20V
VGS = -20V
TJ = 25°C, IS = 1.6A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = 10V, ID = 5.2A
ID = 5.2A
ID = 1.0A
TJ = 25°C, VR = 15V, IF=1.6A


同様の部品番号 - IRLML0030PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLML0030PBF-1 IRF-IRLML0030PBF-1 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
More results

同様の説明 - IRLML0030PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com