データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML2030PBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRLML2030PBF
部品情報  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML2030PBF データシート(HTML) 8 Page - International Rectifier

Back Button IRLML2030PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 9Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLML2030TRPbF
8
www.irf.com
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
e
E1
E
D
A
B
0.15 [0.006]
e1
1
2
3
M CB A
5
6
6
5
NOTES:
b
A1
3X
A
A2
A
B
C
M
0.20 [0.008]
0.10 [0.004] C
C
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER.
4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE.
5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H.
6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES
NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS
OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE.
7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE.
8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
0.89
1.12
SYMBOL
MAX
MIN
A1
b
0.01
0.10
c
0.30
0.50
D
0.08
0.20
E
2.80
3.04
E1
2.10
2.64
e
1.20
1.40
A
0.95
BSC
L
0.40
0.60
08
MILLIMETERS
A2
0.88
1.02
e1
1.90
BSC
REF
0.54
L1
BSC
0.25
L2
 
BSC
!
REF
7T8Ã
&$
#
"$
INCHES
8
0
!#
 %
7T8
"&
$$
#&
 #
'"
 !
 
'
"
!
 !
#
0.0004
MIN
MAX
##
"$
DIMENSIONS
0.972
1.900
Recommended Footprint
0.802
0.950
2.742
3X L
c
L2
H 4
L1
7
F = IRLML6401
A
2001
A
27
Notes: This part marking information applies to devices produced after 02/26/2001
CODE
LOT
W = WEEK
Y = YEAR
PART NUMBER
E = IRLML6402
PART NUMBER CODE REFERENCE:
D = IRLML5103
C = IRLML6302
B = IRLML2803
A = IRLML2402
W = (1-26) IF PRECEDED BY LAST DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY A LET TER
Y
8
2008
3
2003
1
2001
YEAR
2002
2
5
2005
2004
4
2007
2006
7
6
2010
0
2009
9
YEAR
Y
C
03
WORK
WEEK
01
02
A
W
B
04
D
24
26
25
X
Z
Y
WORK
WEEK
W
H = IRLML5203
G = IRLML2502
K
H
G
F
E
D
C
B
2006
2003
2002
2005
2004
2008
2007
2010
2009
J
Y
51
29
28
30
C
B
D
50
X
52
Z
Note: A line above thework week
(as shown here) indicates Lead - Free.
I = IRLML0030
J = IRLML2030
L = IRLML0060
M = IRLML0040
K = IRLML0100


同様の部品番号 - IRLML2030PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
More results

同様の説明 - IRLML2030PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com