データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML2244PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRLML2244PBF
部品情報  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML2244PBF データシート(HTML) 1 Page - International Rectifier

  IRLML2244PBF_15 Datasheet HTML 1Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/24/11
IRLML2244TRPbF
HEXFET® Power MOSFET
PD - 97631
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Micro3TM (SOT-23)
IRLML2244TRPbF
Features and Benefits
Features
Benefits
S
G 1
2
D
3
Application(s)
System/Load Switch
Low RDS(on) (
≤ 54mΩ)
Lower switching losses
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Consumer qualification
Increased reliability
VDS
-20
V
VGS Max
± 12
V
RDS(on) max
(@VGS = -4.5V)
54
m
Ω
RDS(on) max
(@VGS = -2.5V)
95
m
Ω
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
100
RθJA
Junction-to-Ambient (t<10s)
f
–––
99
Max.
-4.3
-3.4
-55 to + 150
± 12
0.01
-20
1.3
0.8
-18
W
°C/W
A


同様の部品番号 - IRLML2244PBF_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
IRLML2244 LEIDITECH-IRLML2244 Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
   System/Load Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
   System/Load Switch
logo
International Rectifier
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
logo
ZP Semiconductor
IRLML2244TRPBF ZPSEMI-IRLML2244TRPBF Datasheet
315Kb / 2P
   HEXFETPower MOSFET
More results

同様の説明 - IRLML2244PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com