データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML5103PBF-1 データシート(PDF) 3 Page - International Rectifier

部品番号 IRLML5103PBF-1
部品情報  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103PBF-1 データシート(HTML) 3 Page - International Rectifier

  IRLML5103PBF-1 Datasheet HTML 1Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 2Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 3Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 4Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 5Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 6Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 7Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRLML5103PbF-1
3
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 25, 2013
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
0.1
1
10
DS
A
-V
, Drain-to-Source Voltage (V)
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
20μs PULSE WIDTH
T = 150°C
J
0.1
1
10
3.0
4.0
5.0
6.0
7.0
8.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20μs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I = -0.60A
D
0.1
1
10
0.1
1
10
DS
20μs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V


同様の部品番号 - IRLML5103PBF-1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF Datasheet
228Kb / 8P
   HEXFET-R POWER MOSFET
IRLML5103PBF IRF-IRLML5103PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

同様の説明 - IRLML5103PBF-1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com