データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYC10X-600P データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BYC10X-600P
部品情報  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10X-600P データシート(HTML) 4 Page - NXP Semiconductors

  BYC10X-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NXP Semiconductors
BYC10X-600P
Hyperfast power diode
BYC10X-600P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 May 2014
4 / 9
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance
from junction to
heatsink
with heatsink compound; Fig. 5
-
-
4.8
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
-
55
-
K/W
aaa-010188
tp (s)
10-6
1
10
10-1
10-2
10-5
10-3
10-4
10-2
10-3
1
10-1
10
Zth(j-h)
(K/W)
10-4
δ = 0.5
δ = 0.3
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
single pulse
tp
tp
T
P
t
T
δ =
Fig. 5. Transient thermal impedance from junction to heatsink as a function of pulse duration
10. Isolation characteristics
Table 7.
Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage 50 Hz ≤ f ≤ 60 Hz; RH ≤ 65 %; from all
pins to external heatsink; sinusoidal
waveform; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
f = 1 MHz; from cathode to external
heatsink
-
10
-
pF
11. Characteristics
Table 8.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 10 A; Tj = 25 °C; Fig. 6
-
2.5
3.2
V


同様の部品番号 - BYC10X-600P_15

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
BYC10X-600P WEEN-BYC10X-600P Datasheet
460Kb / 10P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10X-600P ISC-BYC10X-600P Datasheet
307Kb / 2P
   Ultrafast Rectifier
More results

同様の説明 - BYC10X-600P_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com