データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYC58X-600 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BYC58X-600
部品情報  8 A hyperfast rectifier diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC58X-600 データシート(HTML) 4 Page - NXP Semiconductors

  BYC58X-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BYC58X-600_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2010
4 of 11
NXP Semiconductors
BYC58X-600
8 A hyperfast rectifier diode
5.
Thermal characteristics
6.
Isolation characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance from
junction to heatsink
with heatsink compound; see Figure 3
-
2.5
3
K/W
Rth(j-a)
thermal resistance from
junction to ambient free air
in free air
-
55
-
K/W
Fig 3.
Transient thermal impedance from junction to heatsink as a function of pulse width
003aac889
10−1
10−2
1
10
Zth(j-h)
(K/W)
10−3
tp (s)
10−5
110
10−1
10−2
10−4
10−3
tp
P
t
Table 6.
Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
50 Hz
≤ f ≤ 60 Hz; RH ≤ 65 %; from all pins to
external heatsink; sinusoidal waveform; clean
and dust free
-
-
2500
V
Cisol
isolation capacitance
f = 1 MHz; from cathode to external heatsink
-
10
-
pF


同様の部品番号 - BYC58X-600_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
WeEn Semiconductors
BYC58X-600 WEEN-BYC58X-600 Datasheet
360Kb / 10P
   Hyperfast power diode
More results

同様の説明 - BYC58X-600_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETX06S-M3 VISHAY-VS-8ETX06S-M3_V01 Datasheet
228Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8EWH06FNM3 VISHAY-VS-8EWH06FNM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
VS-8ETH06S-M3 VISHAY-VS-8ETH06S-M3 Datasheet
218Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 24-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com