データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYC58X-600 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BYC58X-600
部品情報  8 A hyperfast rectifier diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC58X-600 データシート(HTML) 3 Page - NXP Semiconductors

  BYC58X-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC58X-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BYC58X-600_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2010
3 of 11
NXP Semiconductors
BYC58X-600
8 A hyperfast rectifier diode
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-600
V
VRWM
crest working reverse
voltage
-600
V
IF(AV)
average forward
current
square-wave pulse;
δ = 0.5; Th ≤ 93 °C; see Figure 1
and 2
-8
A
IFRM
repetitive peak forward
current
square-wave pulse;
δ = 0.5; tp =25 µs
-
16
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; sine-wave pulse; Tj(init) =25 °C
-
110
A
tp = 8.3 ms; sine-wave pulse; Tj(init) =25 °C
-
120
A
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Forward power dissipation as a function of
average forward current; square waveform;
maximum values
Fig 2.
Forward power dissipation as a function of
average forward current; sinusoidal waveform;
maximum values
0
4
8
12
16
20
24
28
04
8
12
IF(AV) (A)
Ptot
(W)
δ = 1
0.5
0.2
0.1
003aae164
90
102
114
126
138
150
78
66
Th(max)
(
°C)
003aae165
0
4
8
12
16
20
024
68
IF(AV) (A)
Ptot
(W)
a = 180
°
120
90
60
30


同様の部品番号 - BYC58X-600_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
WeEn Semiconductors
BYC58X-600 WEEN-BYC58X-600 Datasheet
360Kb / 10P
   Hyperfast power diode
More results

同様の説明 - BYC58X-600_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYC58X-600 NXP-BYC58X-600 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETX06S-M3 VISHAY-VS-8ETX06S-M3_V01 Datasheet
228Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8EWH06FNM3 VISHAY-VS-8EWH06FNM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
VS-8ETH06S-M3 VISHAY-VS-8ETH06S-M3 Datasheet
218Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 24-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com