データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1D0505SNZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM1D0505SNZ
部品情報  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D0505SNZ データシート(HTML) 2 Page - AIMTEC

  AM1D0505SNZ Datasheet HTML 1Page - AIMTEC AM1D0505SNZ Datasheet HTML 2Page - AIMTEC AM1D0505SNZ Datasheet HTML 3Page - AIMTEC AM1D0505SNZ Datasheet HTML 4Page - AIMTEC AM1D0505SNZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM1D-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(926 6832)
F 051e R6.T
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
(mA)
Input
Current
Max | No
Load (mA)
Isolation
(VDC)
Efficiency
(%)
AM1D-1205DH60-NZ
10.8-13.2
±5
±100
104 | 20
6000
78
AM1D-1209DH60-NZ
10.8-13.2
±9
±55
102 | 20
6000
79
AM1D-1212DH60-NZ
10.8-13.2
±12
±42
103 | 20
6000
81
AM1D-1215DH60-NZ
10.8-13.2
±15
±35
102 | 20
6000
81
*Not recommended for new design
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000, 3000 & 6000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Voltage balance
Dual Output
±1
%
Short Circuit protection
Momentary (1 sec.)
Continuous on 6000V models
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
load 10~100%
10
%
Load voltage regulation (Dual)
load 10~100%
10
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
(6000V models only)
150
40
KHz
Max Case temperature
+125
oC
Operating temperature
-40 to +85
Up to +105 on 6000V models only, see derating table
oC
Storage temperature
-55 to +125
oC
Derating
Not-Required
Cooling
Free air convection
Humidity
90
%
Case material
Non-conductive black plasticUL94V-0
Weight
2
g
Dimensions (L x W x H)
1000 & 3000VDC
0.76 x 0.24 x 0.37 inch
19.5 x 6.00 x 9.35 mm
6000VDC
0.76 x 0.39 x 0.49 inch
19.50 x 9.80 x 12.5 mm
MTBF
>1 100 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified


同様の部品番号 - AM1D0505SNZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-050303D AIMTEC-AM1D-050303D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503D AIMTEC-AM1D-0503D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503DZ AIMTEC-AM1D-0503DZ Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-0503S AIMTEC-AM1D-0503S Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results

同様の説明 - AM1D0505SNZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com