データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1G1215SH30NZ データシート(PDF) 3 Page - AIMTEC

部品番号 AM1G1215SH30NZ
部品情報  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G1215SH30NZ データシート(HTML) 3 Page - AIMTEC

  AM1G1215SH30NZ Datasheet HTML 1Page - AIMTEC AM1G1215SH30NZ Datasheet HTML 2Page - AIMTEC AM1G1215SH30NZ Datasheet HTML 3Page - AIMTEC AM1G1215SH30NZ Datasheet HTML 4Page - AIMTEC AM1G1215SH30NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM1G-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8
3 of 5
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
5 to 100% load
±2
%
No Load Voltage accuracy
±5
Voltage balance
Dual Output balanced load
±0.5
%
Short Circuit Protection
Continuous
Short Circuit Restart
Automatic restart
Line voltage regulation
LL~HL
±0.5
%
Load voltage regulation
load 5~100%
±0.6
%
Temperature coefficient
±0.02
%/oC
Transient Recovery Time
25% load step
2
msec
Transient Response Deviation
25% load step
±5
%
Ripple
At 20MHz Bandwidth
50
mV p-p
Noise
At 20MHz Bandwidth
90
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
With derating above 85oC
-40 to +100
oC
Storage temperature
-55 to +125
oC
Case Temperature
105
oC
Lead Temperature
1.5mm from case for 10 Seconds
300
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic (UL94V-0 rated)
Weight
4.9
g
Dimensions (L x Wx H)
0.87 x 0.37 x 0.47 inch, 22 x 9.5 x 12 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Pin Out Specifications
Dimensions
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common
8
CS
- V Output
2.50
(0.98)
12.00
(0.47)
22.00
(0.87)
0.50
(0.02)
0.50
(0.02)
4.10
(0.16)
2.54
(0.10)
2.10
(0.08)
123
5
6
7
9.50
(0.37)
0.300
(0.012)
0.50
(0.02)
9.50
(0.37)
PRINTED
FACE
12.00
(0.47)
8


同様の部品番号 - AM1G1215SH30NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1G-0503DH30Z AIMTEC-AM1G-0503DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503DZ AIMTEC-AM1G-0503DZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SH30Z AIMTEC-AM1G-0503SH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SZ AIMTEC-AM1G-0503SZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0505DH30Z AIMTEC-AM1G-0505DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
More results

同様の説明 - AM1G1215SH30NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com