データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC62D749CFNAG データシート(PDF) 1 Page - Marktech Corporate

部品番号 TC62D749CFNAG
部品情報  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D749CFNAG データシート(HTML) 1 Page - Marktech Corporate

  TC62D749CFNAG_15 Datasheet HTML 1Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 2Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 3Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 4Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 5Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 6Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 7Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 8Page - Marktech Corporate TC62D749CFNAG_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TC62D749CFNAG
2011-12-14
1
TOSHIBA CDMOS Integrated Circuit Silicon Monolithic
TC62D749CFNAG
16-Output Constant Current LED Driver (Output switching high-speed version)
The TC62D749CFNAG is a constant-current driver for LED
and LED display lighting applications.
The output current from each of the 16 outputs is
programmable via a single external resistor.
The TC62D749CFNAG contains a 16-channel shift register, a
16-channel latch, a 16-channel AND gate and a 16-channel
constant-current output.
Fabricated with a CMOS process, the TC62D749CFNAG allows
high-speed data transfer.
It operates with a 3.3- or 5-V power supply.
Features
• Supply voltages
: VDD = 3.3 V to 5.0 V
• 16-output built-in
• Output current setup range
: IOUT = 1.5 to 90 mA
• Constant current output accuracy (@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank;between outputs
± 1.5 % (max)
: S rank;between devices:
± 1.5 % (max)
: N rank;between outputs
± 2.5 % (max)
: N rank;between devices:
± 2.5 % (max)
• Output voltage
: VOUT = 17 V (max)
• High-speed output switching
: twOE = 25 ns (min), tor = 10ns (typ.), tof = 10ns (typ.)
There is TC62D748 as an output switching standard-speed version of this product.
• I/O interface
: CMOS interfaces (Schmitt trigger input)
• Data transfer frequency
: fSCK = 25 MHz (max)
• Operation temperature range
: Topr = −40 to 85 °C
• Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
• Package
: P-SSOP24-0409-0.64-001
For detailed part naming conventions, contact your local Toshiba sales representative or distributor.
When the LED driver of high-speed output switching is used, back EMF may occur at the time of output OFF, and
output terminal voltage may rise. Please be careful. It is necessary to reduce inductance to prevent the back EMF. It
is possible to reduce inductance of a substrate by making the power supply for LED wiring shorter and wider
designing the layout pattern.
P-SSOP24-0409-0.64-001
Weight: 0.14 g (Typ.)


同様の部品番号 - TC62D749CFNAG_15

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC62D749CFNAG TOSHIBA-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
More results

同様の説明 - TC62D749CFNAG_15

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com