データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT126 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ABT126
部品情報  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT126 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT126_15 Datasheet HTML 3Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 4Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 5Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 6Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 7Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 8Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 9Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 10Page - NXP Semiconductors 74ABT126_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
9397 750 14597
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
7 of 15
Philips Semiconductors
74ABT126
Quad buffer; 3-state
11. Dynamic characteristics
Table 8:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C; VCC = 5.0 V
tPLH
propagation delay nA to nY
see Figure 4
1.0
2.9
4.2
ns
tPHL
propagation delay nA to nY
see Figure 4
1.0
3.0
4.3
ns
tPZH
output enable time to HIGH-level
see Figure 5
1.5
3.2
5.8
ns
tPZL
output enable time to LOW-level
see Figure 5
1.9
4.4
5.9
ns
tPHZ
output disable time from HIGH-level see Figure 5
1.0
4.2
5.2
ns
tPLZ
output disable time from LOW-level
see Figure 5
1.0
2.9
4.9
ns
Tamb = −40 °C to +85 °C; VCC = 5.0 V ± 0.5 V
tPLH
propagation delay nA to nY
see Figure 4
1.0
-
4.4
ns
tPHL
propagation delay nA to nY
see Figure 4
1.0
-
4.6
ns
tPZH
output enable time to HIGH-level
see Figure 5
1.5
-
6.5
ns
tPZL
output enable time to LOW-level
see Figure 5
1.9
-
6.5
ns
tPHZ
output disable time from HIGH-level see Figure 5
1.0
-
5.8
ns
tPLZ
output disable time from LOW-level
see Figure 5
1.0
-
5.5
ns


同様の部品番号 - 74ABT126_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT126CMTC FAIRCHILD-74ABT126CMTC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CMTCX_NL FAIRCHILD-74ABT126CMTCX_NL Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CSC FAIRCHILD-74ABT126CSC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT126CSJ FAIRCHILD-74ABT126CSJ Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
NXP Semiconductors
74ABT126D PHILIPS-74ABT126D Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results

同様の説明 - 74ABT126_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com