データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT2G241 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74AHC_AHCT2G241
部品情報  Dual buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT2G241 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC_AHCT2G241_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 13Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AHC_AHCT2G241
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 13 May 2013
10 of 17
NXP Semiconductors
74AHC2G241; 74AHCT2G241
Dual buffer/line driver; 3-state
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74AHC2G241
VCC
 3 ns
15 pF, 50 pF
1 k
open
GND
VCC
74AHCT2G241
3 V
 3 ns
15 pF, 50 pF
1 k
open
GND
VCC


同様の部品番号 - 74AHC_AHCT2G241_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT2G125 PHILIPS-74AHC_AHCT2G125_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 3-6 May 2013
74AHC_AHCT2G126 PHILIPS-74AHC_AHCT2G126_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 7-6 May 2013
More results

同様の説明 - 74AHC_AHCT2G241_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com