データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT132 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC_AHCT132
部品情報  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT132 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT132_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT132_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74AHC_AHCT132_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 4 May 2009
9 of 17
NXP Semiconductors
74AHC132; 74AHCT132
Quad 2-input NAND Schmitt trigger
12. Transfer characteristics
13. Transfer characteristics waveforms
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC132
VT+
positive-going threshold
voltage
VCC = 3.0 V
-
-
2.2
-
2.2
-
2.2
V
VCC = 4.5 V
-
-
3.15
-
3.15
-
3.15
V
VCC = 5.5 V
-
-
3.85
-
3.85
-
3.85
V
VT−
negative-going threshold
voltage
VCC = 3.0 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 4.5 V
1.35
-
-
1.35
-
1.35
-
V
VCC = 5.5 V
1.65
-
-
1.65
-
1.65
-
V
VH
hysteresis voltage
VCC = 3.0 V
0.3
-
1.2
0.3
1.2
0.25
1.2
V
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.5
-
1.6
0.5
1.6
0.45
1.6
V
74AHCT132
VT+
positive-going threshold
voltage
VCC = 4.5 V
-
-
1.9
-
1.9
-
1.9
V
VCC = 5.5 V
-
-
2.1
-
2.1
-
2.1
V
VT−
negative-going threshold
voltage
VCC = 4.5 V
0.5
-
-
0.5
-
0.5
-
V
VCC = 5.5 V
0.6
-
-
0.6
-
0.6
-
V
VH
hysteresis voltage
VCC = 4.5 V
0.3
-
1.4
0.3
1.4
0.3
1.4
V
VCC = 5.5 V
0.3
-
1.5
0.3
1.5
0.3
1.5
V
Fig 8.
Transfer characteristics
Fig 9.
Definition of VT+,VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


同様の部品番号 - 74AHC_AHCT132_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
More results

同様の説明 - 74AHC_AHCT132_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com