データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT594 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC_AHCT594
部品情報  8-bit shift register with output register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT594 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT594_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT594_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74AHC_AHCT594_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 June 2008
9 of 22
NXP Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
STCP to Qn; see Figure 10
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.1
8.3
2.3
9.5
2.3
10.6
ns
CL = 50 pF
-
7.3
11.9
3.3
13.6
3.3
14.7
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
5.7
1.8
6.5
1.8
7.1
ns
CL = 50 pF
-
4.8
7.8
2.6
9.0
2.6
9.8
ns
tPHL
HIGH to LOW
propagation
delay
SHCP to Q7S; see Figure 9
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.5
8.9
2.3
10.2
2.3
11.0
ns
CL = 50 pF
-
7.4
12.1
3.0
13.9
3.0
15.1
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.1
6.7
1.9
7.6
1.9
8.2
ns
CL = 50 pF
-
5.4
8.8
2.5
10.1
2.5
11.0
ns
STCP to Qn; see Figure 10
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.5
9.1
2.4
10.4
2.4
11.3
ns
CL = 50 pF
-
7.3
12.0
3.2
13.8
3.2
15.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.7
6.0
1.9
6.9
1.9
7.5
ns
CL = 50 pF
-
5.2
8.5
2.6
9.7
2.6
10.5
ns
SHR to Q7S; see Figure 13
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.7
9.5
2.3
10.8
2.3
11.7
ns
CL = 50 pF
-
7.5
12.2
3.6
14.0
3.6
15.2
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.1
6.7
2.0
7.6
2.0
8.2
ns
CL = 50 pF
-
5.4
8.8
2.8
10.1
2.8
11.0
ns
STR to Qn; see Figure 14
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.8
9.6
2.8
11.0
2.8
12.0
ns
CL = 50 pF
-
7.7
12.5
3.8
14.4
3.8
15.6
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.1
7.2
2.2
8.2
2.2
8.9
ns
CL = 50 pF
-
5.4
9.4
3.0
10.7
3.0
11.6
ns
fmax
maximum
frequency
SHCP or STCP;
see Figure 9 and 10
VCC = 3.0 V to 3.6 V
80
125
-
70
-
65
-
MHz
VCC = 4.5 V to 5.5 V
90
170
-
80
-
70
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 15.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


同様の部品番号 - 74AHC_AHCT594_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT595 PHILIPS-74AHC_AHCT595_15 Datasheet
247Kb / 22P
   74AHC_AHCT595_15
Rev. 5-4 July 2012
More results

同様の説明 - 74AHC_AHCT594_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com