データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16836A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74ALVC16836A
部品情報  20-bit registered driver with inverted register enable (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16836A データシート(HTML) 2 Page - NXP Semiconductors

  74ALVC16836A_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC16836A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16836A
20-bit registered driver with inverted register enable
(3-State)
2
2000 Mar 14
853–2194 23314
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
Complies with JEDEC standard no. 8-1A.
CMOS low power consumption
Direct interface with TTL levels
Current drive ± 24 mA at 3.0 V
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and GND pins for minimum noise
and ground bounce
Output drive capability 50 Ω transmission lines @ 85°C
Input diodes to accommodate strong drivers
DESCRIPTION
The 74ALVC16836A is a 20-bit universal bus driver. Data flow is
controlled by active low output enable (OE), active low latch enable
(LE) and clock inputs (CP).
When LE is LOW, the A to Y data flow is transparent. When LE is
HIGH and CP is held at LOW or HIGH, the data is latched; on the
LOW to HIGH transient of CP the A-data is stored in the
latch/flip-flop.
When OE is LOW the outputs are active. When OE is HIGH, the
outputs go to the high impedance OFF-state. Operation of the OE
input does not affect the state of the latch/flip-flop.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
OE
NC
Y1
Y2
Y3
Y4
Y5
GND
VCC
GND
Y6
Y7
Y8
Y9
Y10
Y11
GND
Y12
Y13
Y14
VCC
Y15
Y16
GND
Y17
CP
GND
A1
A2
VCC
A3
A4
A5
GND
A6
A7
A8
A9
A10
A11
GND
A12
A13
A14
VCC
A15
A16
GND
A17
SH00197
Y18
Y19
Y20
LE
A18
A19
A20
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn;
LE to Yn;
CP to Yn
VCC = 3.3 V, CL = 50 pF
2.3
2.6
2.5
ns
fmax
Maximum clock frequency
VCC = 3.3 V, CL = 50 pF
350
MHz
CI
Input capacitance
4.0
pF
CI/O
Input/Output capacitance
8.0
pF
C
Power dissipation capacitance per buffer
V = GND to VCC1
transparent mode
Output enabled
Output disabled
13
3
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Clocked mode
Output enabled
Output disabled
22
15
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of outputs.


同様の部品番号 - 74ALVC16836A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC16836ADGG PHILIPS-74ALVC16836ADGG Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836ADGG NEXPERIA-74ALVC16836ADGG Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results

同様の説明 - 74ALVC16836A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com