データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH32973 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74ALVCH32973
部品情報  16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32973 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH32973_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74ALVCH32973
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 17 January 2013
6 of 17
NXP Semiconductors
74ALVCH32973
16-bit bus transceiver and transparant D-type latch; 8 buffers
9.
Static characteristics
Table 8.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = 40 C to +85 C
VIH
HIGH-level input
voltage
VCC = 1.2 V
VCC
--
V
VCC = 1.8 V
0.7VCC
0.9
-
V
VCC = 2.3 V to 2.7 V
1.7
1.2
-
V
VCC = 2.7 V to 3.6 V
2.0
1.5
-
V
VIL
LOW-level input
voltage
VCC = 1.2 V
-
-
0
V
VCC = 1.8 V
-
0.9
0.2VCC V
VCC = 2.3 V to 2.7 V
-
1.2
0.7
V
VCC = 2.7 V to 3.6 V
-
1.5
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = 100 A; VCC = 1.8 V to 3.6 V
VCC  0.2
VCC
-V
IO = 6mA; VCC = 1.8 V
VCC  0.4
VCC  0.1
-
V
IO = 6mA; VCC = 2.3 V
VCC  0.3
VCC  0.08
-
V
IO = 12 mA; VCC = 2.3 V
VCC  0.5
VCC  0.17
-
V
IO = 12 mA; VCC = 2.7 V
VCC  0.5
VCC  0.14
-
V
IO = 18 mA; VCC = 2.3 V
VCC  0.6
VCC  0.26
-
V
IO = 24 mA; VCC = 3.0 V
VCC  1.0
VCC  0.28
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 A; VCC = 1.8 V to 3.6 V
-
0
0.20
V
IO = 6 mA; VCC = 1.8 V
-
0.09
0.30
V
IO =6mA; VCC = 2.3 V
-
0.07
0.20
V
IO =12mA; VCC = 2.3 V
-
0.15
0.40
V
IO =12mA; VCC = 2.7 V
-
0.14
0.40
V
IO = 18 mA; VCC = 2.3 V
-
0.23
0.60
V
IO =24mA; VCC = 3.0 V
-
0.27
0.55
V
II
input leakage current
VCC = 1.8 V to 3.6 V; VI =VCC or GND
-
0.1
5
A
IOZ
OFF-state output
current
VI =VIH or VIL; VO =VCC or GND
VCC = 1.8 V to 2.7 V
-
0.1
5
A
VCC = 2.7 V to 3.6 V
-
0.1
10
A
ICC
supply current
VI =VCC or GND; IO =0 A;
VCC = 1.8 V to 2.7 V
-
0.4
80
A
VCC = 2.7 V to 3.6 V
-
0.4
80
A
I
CC
additional supply
current
VI =VCC  0.6 V; IO =0A;
VCC = 2.7 V to 3.6 V
per control input
-
5
500
A
per data I/O input
-
150
750
A
IBHL
bus hold LOW current
VCC = 2.3 V; VI =0.7 V
45
-
-
A
VCC = 3.0 V; VI =0.8 V
75
150
-
A


同様の部品番号 - 74ALVCH32973_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH32973EC NEXPERIA-74ALVCH32973EC Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
74ALVCH32973ZKER TI-74ALVCH32973ZKER Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
More results

同様の説明 - 74ALVCH32973_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
SN74ALVCH16973 TI-SN74ALVCH16973 Datasheet
186Kb / 13P
[Old version datasheet]   8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Texas Instruments
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
[Old version datasheet]   16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com