データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVT16501 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74ALVT16501
部品情報  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
9 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
10. Static characteristics
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %;
f
≥ 1 kHz
--64
mA
∆t/∆V
input transition rise or fall
rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
free air
−40
-
+85
°C
Table 6:
Recommended operating conditions …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Tamb = −40 °C to +85 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V [1]
VIK
input diode voltage
VCC = 2.3 V; IIK = −18 mA
-
−0.85 −1.2
V
VOH
HIGH-level output voltage
VCC = 2.3 V to 3.6 V; IOH = −100 µAVCC
0.2
-V
VCC = 2.3 V; IOH = −8 mA
1.8
-
V
VOL
LOW-level output voltage
VCC = 2.3 V; IOL = 100 µA
-
0.07
0.2
V
VCC = 2.3 V; IOL = 24 mA
-
0.3
0.5
V
VCC = 2.3 V; IOL = 8 mA
-
-
0.4
V
VRST
power-up LOW-state output voltage
VCC = 2.7 V; IO = 1 mA;
VI =VCC or GND
[2] -
-
0.55
V
ILI
input leakage current
control pins
VCC = 2.7 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 2.7 V; VI = 5.5 V
0.1
10
µA
I/O data pins
VCC = 2.7 V; VI = VCC
[3] -
0.1
1
µA
VCC = 2.7 V; VI = 0 V
[3] -
+0.1
−5
µA
IOFF
power-down leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100 µA
IHOLD
bus hold current data inputs
VCC = 2.3 V; VI = 0.7 V
[4] -90
-
µA
VCC = 2.3 V; VI = 1.7 V
[4] -
−75
-
µA
IEX
external current into output
output in HIGH-state when VO >VCC;
VO = 5.5 V; VCC = 2.3 V
-
5
125
µA
IPU, IPD
power-up/down 3-state output current VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; OEAB or OEBA
don’t care
[5] -
4
100
µA
ICC
quiescent supply current
VCC = 2.7 V; VI = GND or VCC;IO =0A
outputs HIGH-state
-
0.04
0.1
mA
outputs LOW-state
-
2.5
4.5
mA
outputs disabled
[6] -
0.04
0.1
mA
∆ICC
additional quiescent supply current
per input pin
VCC = 2.3 V to 2.7 V; one input at
VCC − 0.6 V, other inputs at
VCC or GND
[7] -
0.01
0.4
mA
Ci
input capacitance of control pins
VI = 0 V or VCC
-4
-pF


同様の部品番号 - 74ALVT16501_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results

同様の説明 - 74ALVT16501_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com