データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVT16827 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74ALVT16827
部品情報  20-bit buffer/line driver; non-inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16827_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
9397 750 15122
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2005
8 of 16
Philips Semiconductors
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 VtoVCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for Tamb =25 °C only.
[5]
ICC is measured with outputs pulled up to VCC or pulled down to ground.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
[7]
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
VCC = 2.5 V ± 0.2 V [7]
VIK
input clamp voltage
VCC = 2.3 V; IIK = −18 mA
-
−0.85
−1.2
V
VOH
HIGH-level output
voltage
VCC = 2.3 V to 2.7 V; IOH = −100 µAVCC − 0.2 VCC
-V
VCC = 2.3 V; IOH = −8 mA
1.8
2.1
-
V
VOL
LOW-level output
voltage
VCC = 2.3 V
IOL = 100 µA
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
IOL = 100 µA
-
0.07
0.2
V
ILI
input leakage current VCC = 2.3 V; IOL = 24 mA
-
0.3
0.5
V
control pins
VCC = 2.7 V; VI = VCC or GND
-
0.1
±1
µA
I/O data pins
VCC = 0 V or 2.7 V; VI = 5.5 V
[2] -
0.1
10
µA
VCC = 2.7 V; VI = VCC
[2] -
0.1
1
µA
VCC = 2.7 V; VI = 0 V
[2] -
+0.1
−5
µA
IOFF
off current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100
µA
IHOLD
bus hold current data
inputs
VCC = 2.5 V; VI = 0.8 V
[3] -
115
-
µA
VCC = 2.5 V; VI = 2.0 V
[3] -
−10
-
µA
IEX
current into an
output in the
HIGH-state when
VO >VCC
VO = 5.5 V; VCC = 2.3 V
-
10
125
µA
IPU, IPD
power-up/down
3-state output
current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; nOEx = don’t care
[4] -
1
100
µA
IOZ
3-state output
current
VCC = 2.7 V; VO = 2.3 V; VI =VIL or VIH
output HIGH; VO = 2.3 V
-
0.5
5
µA
output LOW; VO = 0.5 V
-
+0.5
−5
µA
ICC
quiescent supply
current
VCC = 2.7 V; VI = GND or VCC;IO =0A
outputs HIGH
-
0.04
0.1
mA
outputs LOW
-
3.6
5.0
mA
outputs disabled
[5] -
0.04
0.1
mA
∆ICC
additional supply
current per input pin
VCC = 2.3 V to 2.7 V; one input at
VCC − 0.6 V, other inputs at
VCC or GND
[6] -
0.04
0.4
mA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referred to GND (ground = 0 V). Tamb = −40 °C to +85 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74ALVT16827_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16827DGG PHILIPS-74ALVT16827DGG Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16827DGG NEXPERIA-74ALVT16827DGG Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
logo
NXP Semiconductors
74ALVT16827DL PHILIPS-74ALVT16827DL Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results

同様の説明 - 74ALVT16827_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com