データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1GU04 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AUP1GU04
部品情報  Low-power unbuffered inverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1GU04 データシート(HTML) 3 Page - NXP Semiconductors

  74AUP1GU04_15 Datasheet HTML 1Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74AUP1GU04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 June 2012
3 of 21
NXP Semiconductors
74AUP1GU04
Low-power unbuffered inverter
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1226 (X2SON5)
74AUP1GU04
A
001aaf169
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
n.c.
VCC
GND
1
3
2
5
4
A
Y
aaa-003014
Transparent top view
74AUP1GU04
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5 and X2SON5 XSON6
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LH
HL


同様の部品番号 - 74AUP1GU04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GM PHILIPS-74AUP1GU04GM Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GM NXP-74AUP1GU04GM Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04GM NEXPERIA-74AUP1GU04GM Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP1GU04GN NXP-74AUP1GU04GN Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
More results

同様の説明 - 74AUP1GU04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com