データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVC20T245 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74AVC20T245
部品情報  74AVC20T245_15 voltage translation; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC20T245 データシート(HTML) 4 Page - NXP Semiconductors

  74AVC20T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC20T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
74AVC20T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 8 March 2012
4 of 27
NXP Semiconductors
74AVC20T245
20-bit dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration SOT364-1 (TSSOP56) and SOT481-2 (TSSOP56)
74AVC20T245
1DIR
1OE
1B1
1A1
1B2
1A2
GND
GND
1B3
1A3
1B4
1A4
VCC(B)
VCC(A)
1B5
1A5
1B6
1A6
1B7
1A7
GND
GND
1B8
1A8
1B9
1A9
1B10
1A10
2B1
2A1
2B2
2A2
2B3
2A3
GND
GND
2B4
2A4
2B5
2A5
2B6
2A6
VCC(B)
VCC(A)
2B7
2A7
2B8
2A8
GND
GND
2B9
2A9
2B10
2A10
2DIR
2OE
001aal241
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


同様の部品番号 - 74AVC20T245_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AVC20T245-Q100 NEXPERIA-74AVC20T245-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245DGG NEXPERIA-74AVC20T245DGG Datasheet
306Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245DGG-Q100 NEXPERIA-74AVC20T245DGG-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVC20T245DGGG4 TI-74AVC20T245DGGG4 Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC20T245DGGRE4 TI-74AVC20T245DGGRE4 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - 74AVC20T245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_17 Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
logo
Nexperia B.V. All right...
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245-Q100 NEXPERIA-74AVC20T245-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com