データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVCH8T245 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AVCH8T245
部品情報  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH8T245 データシート(HTML) 2 Page - NXP Semiconductors

  74AVCH8T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH8T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
74AVCH8T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 27 December 2012
2 of 25
NXP Semiconductors
74AVCH8T245
8-bit dual supply translating transceiver; 3-state
260 Mbit/s (
 1.1 V to 2.5 V translation)
210 Mbit/s (
 1.1 V to 1.8 V translation)
150 Mbit/s (
 1.1 V to 1.5 V translation)
100 Mbit/s (
 1.1 V to 1.2 V translation)
Suspend mode
Bus hold on data inputs
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 3.6 V
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74AVCH8T245PW
40 C to +125 C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74AVCH8T245BQ
40 C to +125 C
DHVQFN24 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 24 terminals;
body 3.5
 5.5  0.85 mm
SOT815-1
Fig 1.
Logic symbol
001aai472
OE
DIR
VCC(A)
VCC(B)
22
2
3
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
45678910
21
20
19
18
17
16
15
14


同様の部品番号 - 74AVCH8T245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCH8T245BQ NXP-74AVCH8T245BQ Datasheet
140Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245BQ NEXPERIA-74AVCH8T245BQ Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
Texas Instruments
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
460Kb / 19P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VILTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
570Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
656Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - 74AVCH8T245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVCH8T245 NXP-74AVCH8T245 Datasheet
140Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com