データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AXP1G14 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AXP1G14
部品情報  Low-power Schmitt trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G14 データシート(HTML) 1 Page - NXP Semiconductors

  74AXP1G14_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AXP1G14 is a single inverter with Schmitt trigger input. It transforms slowly
changing input signals into sharply defined, jitter-free output signals.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.4 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G14
Low-power Schmitt trigger inverter
Rev. 1 — 28 August 2014
Product data sheet


同様の部品番号 - 74AXP1G14_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AXP1G14GM NEXPERIA-74AXP1G14GM Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GN NEXPERIA-74AXP1G14GN Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GS NEXPERIA-74AXP1G14GS Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AXP1G14GX NEXPERIA-74AXP1G14GX Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
More results

同様の説明 - 74AXP1G14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com