データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVC4T245 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AVC4T245
部品情報  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC4T245 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC4T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 12Page - NXP Semiconductors 74AVC4T245_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
74AVC4T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 December 2011
9 of 27
NXP Semiconductors
74AVC4T245
4-bit dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
For I/O ports, the parameter IOZ includes the input leakage current.
IOZ
OFF-state
output current
A or B port; VO =0 V or VCCO;
VCC(A) =VCC(B) =3.6 V
[3]
-
5-
30
A
suspend mode A port;
VO =0 V orVCCO; VCC(A) = 3.6 V;
VCC(B) =0V
[3]
-
5-
30
A
suspend mode B port;
VO =0 V orVCCO; VCC(A) =0 V;
VCC(B) =3.6 V
[3]
-
5-
30
A
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V;
VCC(B) = 0.8 V to 3.6 V
-
5-
30
A
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;
VCC(A) = 0.8 V to 3.6 V
-
5-
30
A
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
A
VCC(A) = 0 V; VCC(B) = 3.6 V
2-
12
-
A
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
A
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
A
VCC(A) = 3.6 V; VCC(B) = 0 V
2-
12
-
A
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-20
-
70
A
A plus B port (ICC(A) + ICC(B));
IO =0A; VI =0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-16
-
65
A
Table 8.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max


同様の部品番号 - 74AVC4T245_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245BQ NXP-74AVC4T245BQ Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
logo
Nexperia B.V. All right...
74AVC4T245BQ NEXPERIA-74AVC4T245BQ Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4T245BQ-Q100 NEXPERIA-74AVC4T245BQ-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245BZ NEXPERIA-74AVC4T245BZ Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results

同様の説明 - 74AVC4T245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com