データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR2705PBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRLR2705PBF
部品情報  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR2705PBF データシート(HTML) 8 Page - International Rectifier

Back Button IRLR2705PBF_15 Datasheet HTML 3Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 4Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 5Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 6Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 7Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 8Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 9Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 10Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRLR/U2705PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE AS S E MB LY LINE "A"
AS S EMBLE D ON WW 16, 1999
EXAMPLE :
WIT H AS S EMBLY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WE EK 16
PART NUMBE R
LOGO
INT ERNAT IONAL
RECTIF IER
AS S EMBLY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DATE CODE
OR
P = DE S IGNATE S LEAD-F REE
PRODUCT (OPTIONAL)
Note: "P" in ass embly line position
indicates "Lead-Free"
12
34
WEE K 16
A = AS SEMB LY SIT E CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
AS S EMBLY
INT ERNAT IONAL
RE CT IF IER


同様の部品番号 - IRLR2705PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR2705PBF IRF-IRLR2705PBF Datasheet
257Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRLR2705PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com