データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC-1782H-433AE データシート(PDF) 1 Page - Advantech Co., Ltd.

部品番号 TPC-1782H-433AE
部品情報  17" SXGA TFT LED LCD 4th. Gen. Intel짰 Core??i3 Touch Panel Compu
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1782H-433AE データシート(HTML) 1 Page - Advantech Co., Ltd.

  TPC-1782H-433AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1782H-433AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panels
Features
TPC-1782H
Rear View
Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 414 x 347.5 x 84 mm (16.3" x 13.68" x 3.31")
ƒ
Enclosure
Front bezel: Die-cast Aluminum alloy
Back housing: PC/ABS Resin
ƒ
Mounting
Desktop, Wall or Panel Mount
ƒ
OS Support
Microsoft® WES7 32bit/64bit Windows 7 32bit/64bit
Windows Embedded 8.1 Industry Pro 64bit
Windows 7 32bit/64bit
ƒ
Power Consumption
20W Typical, 60W Max. (Without Add-on card)
ƒ
Power Input
24VDC ± 20%
ƒ
Watchdog Timer
1 ~ 255 sec (system)
ƒ
Weight (Net)
6 kg (13.23 lbs)
System Hardware
ƒ
CPU
Intel 4th Generation Core i3-4010U 1.7GHz
ƒ
Chipset
Lynx Point-LP
ƒ
Memory
4GB DDR3L 1600MHz SO-DIMM SDRAM
ƒ
LAN
10/100/1000 Base-T x 2 (one port supports iAMT)
ƒ
Expansion Slots
Half-size PCIe 1x and Full-size Mini PCI-E
ƒ
Storage
CFast slot x 1
2.5" SATA SSD slot x 1
ƒ
I/O
RS-232 x 1, RS-232/422/485 x 1
USB 3.0 x 2, HDMI 1.4 x 1
Audio Line out x 1, USB 2.0 x 1 (optional)
Audio MIC x 1 (optional)
LCD Display
ƒ
Display Type
SXGA TFT LED LCD
ƒ
Display Size
17"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Colors
16.7 M
ƒ
Luminance cd/m2
350
ƒ
Viewing Angle (H/V°)
160/140
ƒ
Backlight Life
50,000 hrs
ƒ
Contrast Ratio
800:1
Touchscreen
ƒ
Lifespan
36 million touches at single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
5-wire, analog resistive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Ingress Protection
Front panel: IP65
ƒ
Operating Temperature 0 ~ 55°C (32 ~ 131°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Vibration Protection
With HDD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
ƒ Industrial 17" SXGA TFT LCD with 50K Lifetime LED Backlight
ƒ Intel 4th Generation Core i3 1.7GHz with 4GB DDR3L SDRAM
ƒ Compact Fanless Embedded System with Al Alloy Front Bezel
ƒ IP65 Approved Front Protection & Panel Mounting
ƒ More Durable 5-wire Resistive Touch Screen
ƒ PCIe 1x and Mini PCIe Expansion Support
ƒ Diverse system I/O and Isolated Digital I/O by iDoor Technology
ƒ Supports Fieldbus Protocol by iDoor Technology
ƒ 3G/GPS/GPRS/WiFi Communication by iDoor Technology
ƒ Supports MRAM by iDoor Technology
ƒ Chassis Grounding Protection
ƒ Supports Advantech SNMP Subagent
ƒ Supports Advantech SusiAccess Remote Device Management Software
17" SXGA TFT LED LCD 4th. Gen. Intel®
Core™ i3 Touch Panel Computer
Introduction
The TPC-1782H touch panel computer with a 17" SXGA LCD, low power embedded Intel 4th Generation Core i3 1.7GHz processor and 4GB DDR3L SDRAM provides the high computing
performance in a compact fanless system. To enhance its durability, the TPC-1782H is designed with IP65 front protection, die-cast Al Alloy front bezel and 5-wire resistive touch. It
also includes PCIe slot and Mini-pcie slots to extend the functionality and meet a variety of automation applications needs. Through the Mini-PCIe slot, Advantech iDoor technology
can provide more I/O connectors, Isolated Digital I/O, the Fieldbus Protocol, 3G/GPS/GPRS/Wi-Fi Communication and MRAM. A 2nd monitor and speaker can be attached via the
integrated HDMI and Audio port.
The pre-loaded SusiAccess is a smart, unique and ready-to-use remote device management software for you to centralize monitoring and managing of remote embedded devices in
real-time. You can focus more on your own applications and let SusiAccess do the rest - configure systems, monitor device health, and recover from any system failures. It’s cloud-
based and provides on-demand software services so you can easily download and upgrade applications when you need.
a
b
f g h i
c
d
e
a. CFast
b. PCI-E Slot
c. 24VDC Power
d. COM (RS-232)
e. HDMI
f. LAN
g. USB3.0
h. Audio Line Out
i. COM (RS-232/422/485)
j. iDoor
k. SMA Connector for Antenna
l. 2.5" SATA SSD Slot and
Mini-PCIe Slot
l
k
j
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


同様の部品番号 - TPC-1782H-433AE

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
TPC-1782H-433AE ADVANTECH-TPC-1782H-433AE Datasheet
861Kb / 2P
   17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com