データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC-2140WP-T3AE データシート(PDF) 1 Page - Advantech Co., Ltd.

部品番号 TPC-2140WP-T3AE
部品情報  21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-2140WP-T3AE データシート(HTML) 1 Page - Advantech Co., Ltd.

  TPC-2140WP-T3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-2140WP-T3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Panel PCs
Features
TPC-2140WP
Specifications
General
ƒ
BIOS
AMI 32Mbit
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 558.4 x 349.8 x 56.7 (21.98" x 13.77" x 2.23")
ƒ
Enclosure
Front bezel: Die-cast Magnesium alloy
Back housing: PC/ABS Resin
ƒ
Mounting
Panel Mount
ƒ
OS Support
Microsoft® Win8/WES7P/XP/WES2009/Linux
ƒ
Power Consumption
35 W Typical
ƒ
Power Input
18 ~ 32 VDC
ƒ
Watchdog Timer
1 ~ 255 sec (system)
ƒ
Weight (Net)
8.5 kg (18.74 lbs)
System Hardware
ƒ
CPU
AMD G-series T56E 1.65GHz
ƒ
Chipset
AMD A50M FCH
ƒ
Memory
4GB SO-DIMM DDR3 SDRAM
ƒ
LAN
10/100/1000Base-T x 2
ƒ
Expansion Slots
Full-sized Mini PCI-E x 1
ƒ
Storage
CFast slot x 1
2.5" SATA HDD x 1(optional)
ƒ
I/O
RS-232 x 3
RS-422 / 485 x 1
USB 2.0 x 2(Host)
HDMI x 1
Mic in x 1, Line out x 1
LCD Display
ƒ
Display Type
Full HD TFT LED LCD
ƒ
Display Size
21.5"
ƒ
Max. Resolution
1920 x 1080
ƒ
Max. Colors
16.7 M
ƒ
Luminance cd/m2
300
ƒ
Viewing Angle (H/V°)
178/178
ƒ
Backlight Life
50,000 hrs
Touchscreen
ƒ
Light Transmission
≥88%
ƒ
Resolution
4096*4096 dot
ƒ
Type
Projected capacitive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40°C, non-condensing
Note: Tested for 48hrs
ƒ
Ingress Protection
Front panel: IP66
ƒ
Operating Temperature 0 ~ 55°C (32 ~ 131°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Vibration Protection
With HDD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
ƒ 21.5" Full HD TFT LED LCD display
ƒ AMD dual-core T56E 1.65GHz with independent GPU, advanced graphical
performance
ƒ 16:9 wide screen with PCT multi-touch
ƒ Built-in function and home key button used for intuitive UI
ƒ Anti-scratch surface: 7H hardness
ƒ Easy Maintenance of Cfast/HDD/Mini-PCIe components by opening side cover
ƒ Support Mini-PCIe expansion slot
ƒ Support HDMI for second display application
ƒ HD Audio supports for alarm application
ƒ Front LED indicator to show operating status
ƒ IP66 compliant true flat screen
ƒ Compact design with Die-cast Magnesium alloy front bezel
ƒ Fanless cooling system
ƒ Winner of the 2013 iF product design award
21.5" Full HD TFT LCD Touch
Panel Computer with AMD
Dual-core processor
Introduction
With a brand-new ID design, the TPC-2140WP provides a high resolution 21.5" display and PCT multi-touch in 16:9 wide format. By embedding an AMD T56E 1.65GHz processor
with independent GPU, the TPC-2140WP can support advanced graphical performance in more complex applications. Built-in function and home key button for greater user usability
and operating safety. The TPC-2140WP also supports a mini-PCIe slot for communication function expansion. The opening side cover is designed for easy maintenance of Cfast/
HDD/Mini-PCIe components.
NEW
Date updated:: 18-Aug-2014


同様の部品番号 - TPC-2140WP-T3AE

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
495Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com