データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT3G14 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC_HCT3G14
部品情報  Triple inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT3G14 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT3G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 9 December 2013
10 of 21
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
13. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 10. The data input (nA) to output (nY) propagation delays and output transition times
mna722
tPLH
tPHL
VM
VM
90 %
10 %
VM
VM
nY output
nA input
VI
GND
VOH
VOL
tTLH
tTHL
Table 10.
Measurement points
Type
Input
Output
VM
VM
74HC3G14
0.5VCC
0.5VCC
74HCT3G14
1.3 V
1.3 V


同様の部品番号 - 74HC_HCT3G14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC_HCT3G04 PHILIPS-74HC_HCT3G04_15 Datasheet
181Kb / 14P
   Inverter
Rev. 4-2 October 2013
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
74HC_HCT3G34 PHILIPS-74HC_HCT3G34_15 Datasheet
179Kb / 14P
   Triple buffer gate
Rev. 6-11 December 2013
More results

同様の説明 - 74HC_HCT3G14_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com