データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF5NJZ34 データシート(PDF) 2 Page - International Rectifier

部品番号 IRF5NJZ34
部品情報  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJZ34 データシート(HTML) 2 Page - International Rectifier

  IRF5NJZ34_15 Datasheet HTML 1Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 2Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 3Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 4Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 5Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 6Page - International Rectifier IRF5NJZ34_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF5NJZ34
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
3.13
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
22*
ISM
Pulse Source Current (Body Diode) ➀
——
88
VSD
Diode Forward Voltage
1.6
V
Tj = 25°C, IS = 22A, VGS = 0V ➃
trr
Reverse Recovery Time
86
nS
Tj = 25°C, IF = 22A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
200
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
55
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.054
V/°C
Reference to 25°C, ID = 250µA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.04
VGS = 10V, ID = 16A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
8.0
S ( )VDS = 10V, IDS = 16A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS = 55V ,VGS=0V
250
VDS = 44V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
34
VGS =10V, ID = 22A
Qgs
Gate-to-Source Charge
7.0
nC
VDS = 44V
Qgd
Gate-to-Drain (‘Miller’) Charge
14
td(on)
Turn-On Delay Time
12
VDD = 28V, ID = 22A,
tr
Rise Time
28
VGS =10V, RG = 13Ω
td(off)
Turn-Off Delay Time
30
tf
Fall Time
30
LS + LD
Total Inductance
4.0
Measured from the center of
drain pad to center of source pad
Ciss
Input Capacitance
695
VGS = 0V, VDS = 25V
Coss
Output Capacitance
252
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
100
nA
nH
ns
µA
* Current is limited by package


同様の部品番号 - IRF5NJZ34_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

同様の説明 - IRF5NJZ34_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com