データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7NJZ44V データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7NJZ44V
部品情報  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7NJZ44V データシート(HTML) 1 Page - International Rectifier

  IRF7NJZ44V_15 Datasheet HTML 1Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 2Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 3Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 4Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 5Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 6Page - International Rectifier IRF7NJZ44V_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
22*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
22*
IDM
Pulsed Drain Current ➀
88
PD @ TC = 25°C
Max. Power Dissipation
50
W
Linear Derating Factor
0.4
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
66
mJ
IAR
Avalanche Current ➀
22
A
EAR
Repetitive Avalanche Energy ➀
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
2.2
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temp.
300 (for 5s)
Weight
1.0 (Typical)
g
oC
A
04/24/02
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF7NJZ44V
60V
0.0165
22A*
For footnotes refer to the last page
HEXFET® POWER MOSFET
IRF7NJZ44V
SURFACE MOUNT (SMD-0.5)
60V, N-CHANNEL
Seventh Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Light Weight
SMD-0.5
* Current is limited by package and internal wires
PD - 94433


同様の部品番号 - IRF7NJZ44V_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

同様の説明 - IRF7NJZ44V_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com