データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC_LVCH162244A データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74LVC_LVCH162244A
部品情報  16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH162244A データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC_LVCH162244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74LVC_LVCH162244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 December 2011
9 of 15
NXP Semiconductors
74LVC162244A; 74LVCH162244A
16-bit buffer/line driver; 30
 resistors; 5 V tolerance; 3-state
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 7.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
 2 ns
30 pF
1 k
open
2
 V
CC
GND
1.65 V to 1.95 V
VCC
 2 ns
30 pF
1 k
open
2
 V
CC
GND
2.3 V to 2.7 V
VCC
 2 ns
30 pF
500
open
2
 V
CC
GND
2.7V
2.7V
 2.5 ns
50 pF
500
open
2
 V
CC
GND
3.0Vto 3.6V
2.7V
 2.5 ns
50 pF
500
open
2
 V
CC
GND


同様の部品番号 - 74LVC_LVCH162244A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
More results

同様の説明 - 74LVC_LVCH162244A_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com