データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB010N02DFJ6 データシート(PDF) 4 Page - Cystech Electonics Corp.

部品番号 MTB010N02DFJ6
部品情報  25V N-CHANNEL Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB010N02DFJ6 データシート(HTML) 4 Page - Cystech Electonics Corp.

  MTB010N02DFJ6 Datasheet HTML 1Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 2Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 3Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 4Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 5Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 6Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 7Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 8Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C972DFJ6
Issued Date : 2015.04.01
Revised Date : 2015.09.03
Page No. : 4/9
MTB010N02DFJ6
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
VDS, Drain-Source Voltage(V)
VGS=3.5V
VGS=2.5V
VGS=3V
VGS=4V
VGS=5V
10V,9V, 8V, 7V, 6V
Brekdown Voltage vs Ambient Temperature
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
ID, Drain Current(A)
VGS=3V
VGS=4.5V
VGS=10V
Reverse Drain Current vs Source-Drain Voltage
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
9
10
IDR, Reverse Drain Current (A)
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
VGS, Gate-Source Voltage(V)
ID=8.5A
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=10V, ID=8.5A
RDS(ON)@Tj=25°C : 10.9mΩ typ.


同様の部品番号 - MTB010N02DFJ6

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3-0-UA-G CYSTEKEC-MTB010N06RI3-0-UA-G Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RJ3 CYSTEKEC-MTB010N06RJ3 Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RJ3-0-T3-G CYSTEKEC-MTB010N06RJ3-0-T3-G Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB010N02DFJ6

メーカー部品番号データシート部品情報
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6676 PANJIT-PJ6676 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com