データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC4245A データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74LVC4245A
部品情報  74LVC4245A_15
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4245A データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC4245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVC4245A_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 18 December 2012
9 of 18
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
VM = 1.5 V at 2.7 V  VCC(B)  3.6 V;
VM = 0.5 VCC(A) at VCC(A)  4.5 V.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 6.
Input (An, Bn) to output (Bn, An) propagation delays
mna366
An, Bn
input
Bn, An
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
VM = 1.5 V at 2.7 V  VCC(B)  3.6 V;
VM = 0.5 VCC(A) at VCC(A)  4.5 V.
VX = VOL + 0.3 V at VCC(B)  2.7 V;
VY = VOH  0.3 V at VCC(B)  2.7 V.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 7.
3-state enable and disable times
mna367
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM


同様の部品番号 - 74LVC4245A_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245ABQ NXP-74LVC4245ABQ Datasheet
112Kb / 17P
   Octal dual supply translating transceiver; 3-state
Rev. 06-18 January 2008
logo
Nexperia B.V. All right...
74LVC4245ABQ NEXPERIA-74LVC4245ABQ Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245ABQ-Q100 NEXPERIA-74LVC4245ABQ-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245AD PHILIPS-74LVC4245AD Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com