データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6645PBF データシート(PDF) 4 Page - International Rectifier

部品番号 IRF6645PBF
部品情報  Application Specific MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6645PBF データシート(HTML) 4 Page - International Rectifier

  IRF6645PBF Datasheet HTML 1Page - International Rectifier IRF6645PBF Datasheet HTML 2Page - International Rectifier IRF6645PBF Datasheet HTML 3Page - International Rectifier IRF6645PBF Datasheet HTML 4Page - International Rectifier IRF6645PBF Datasheet HTML 5Page - International Rectifier IRF6645PBF Datasheet HTML 6Page - International Rectifier IRF6645PBF Datasheet HTML 7Page - International Rectifier IRF6645PBF Datasheet HTML 8Page - International Rectifier IRF6645PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 www.irf.com
© 2012 International Rectifier
February 26, 2013
IRF6645/TRPbF
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤60μs PULSE WIDTH
Tj = 25°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤60μs PULSE WIDTH
Tj = 150°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 5.7A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
10
20
30
40
50
ID, Drain Current (A)
20
30
40
50
60
TA= 25°C
VGS = 7.0V
VGS = 8.0V
VGS = 10V
VGS = 15V


同様の部品番号 - IRF6645PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

同様の説明 - IRF6645PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
IRF6608TR1 IRF-IRF6608TR1 Datasheet
187Kb / 9P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com