データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6662PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF6662PBF
部品情報  Application Specific MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6662PBF データシート(HTML) 2 Page - International Rectifier

  IRF6662PBF_15 Datasheet HTML 1Page - International Rectifier IRF6662PBF_15 Datasheet HTML 2Page - International Rectifier IRF6662PBF_15 Datasheet HTML 3Page - International Rectifier IRF6662PBF_15 Datasheet HTML 4Page - International Rectifier IRF6662PBF_15 Datasheet HTML 5Page - International Rectifier IRF6662PBF_15 Datasheet HTML 6Page - International Rectifier IRF6662PBF_15 Datasheet HTML 7Page - International Rectifier IRF6662PBF_15 Datasheet HTML 8Page - International Rectifier IRF6662PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6662PbF
2
www.irf.com
Notes:
S
D
G
Repetitive rating; pulse width limited by max. junction temperature.
Pulse width
≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
17.5
22
m
VGS(th)
Gate Threshold Voltage
3.0
3.9
4.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-9.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
22
31
Qgs1
Pre-Vth Gate-to-Source Charge
–––
4.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
6.8
10
Qgodr
Gate Charge Overdrive
–––
9.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.0
–––
Qoss
Output Charge
–––
11
–––
nC
RG
Gate Resistance
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
7.5
–––
td(off)
Turn-Off Delay Time
–––
24
–––
ns
tf
Fall Time
–––
5.9
–––
Ciss
Input Capacitance
–––
1360
–––
Coss
Output Capacitance
–––
270
–––
pF
Crss
Reverse Transfer Capacitance
–––
61
–––
Coss
Output Capacitance
–––
1340
–––
Coss
Output Capacitance
–––
160
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
2.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
66
(Body Diode)
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
50
75
nC
MOSFET symbol
RG=6.2Ω
VDS = 25V
Conditions
See Fig. 17
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10V
VGS = 0V
ƒ = 1.0MHz
ID = 4.9A
VDS = VGS, ID = 100µA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 8.2A
TJ = 25°C, IF = 4.9A, VDD = 50V
di/dt = 100A/µs
See Fig. 18
TJ = 25°C, IS = 4.9A, VGS = 0V
showing the
integral reverse
p-n junction diode.
ID = 4.9A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 4.9A
VDS = 50V


同様の部品番号 - IRF6662PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6662PBF IRF-IRF6662PBF Datasheet
253Kb / 10P
   DirectFET??Power MOSFET
More results

同様の説明 - IRF6662PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
IRF6608TR1 IRF-IRF6608TR1 Datasheet
187Kb / 9P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com