データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVCH32245A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVCH32245A
部品情報  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH32245A データシート(HTML) 2 Page - NXP Semiconductors

  74LVCH32245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH32245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVCH32245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 15 December 2011
2 of 15
NXP Semiconductors
74LVCH32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVCH32245AEC
40 Cto+125 C
LFBGA96
plastic low profile fine-pitch ball grid array package;
96 balls; body 13.5
 5.5  1.05 mm
SOT536-1


同様の部品番号 - 74LVCH32245A_15

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
74LVCH32245ABF IDT-74LVCH32245ABF Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF RENESAS-74LVCH32245ABF Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF8 IDT-74LVCH32245ABF8 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF8 RENESAS-74LVCH32245ABF8 Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABFG IDT-74LVCH32245ABFG Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results

同様の説明 - 74LVCH32245A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com