データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVCH322245A データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVCH322245A
部品情報  32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322245A データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVCH322245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVCH322245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 December 2011
8 of 15
NXP Semiconductors
74LVCH322245A
32-bit bus transceiver with direction pin; 30
 resistors; tolerance;
3-state
[1]
Typical values are measured at Tamb =25 C and VCC = 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
11. Waveforms
tsk(o)
output skew
time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power
dissipation
capacitance
per buffer; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
10.4
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
14.0
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
17.2
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 6.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VM = 1.5 V at VCC  2.7 V.
VM =0.5  VCC at VCC <2.7 V.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 4.
The input (nAn, nBn) to output (nBn, nAn) propagation delays
mna477
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


同様の部品番号 - 74LVCH322245A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVCH322245AEC PHILIPS-74LVCH322245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVCH322245AEC NXP-74LVCH322245AEC Datasheet
94Kb / 13P
   32-bit bus transceiver with direction pin; 30 W series
Rev. 03-20 August 2007
More results

同様の説明 - 74LVCH322245A_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com