データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7769L1PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7769L1PBF
部品情報  Optimized for Synchronous Rectification
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7769L1PBF データシート(HTML) 2 Page - International Rectifier

  IRF7769L1PBF_15 Datasheet HTML 1Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 2Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 3Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 4Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 5Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 6Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 7Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 8Page - International Rectifier IRF7769L1PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
© 2012 International Rectifier
February 18, 2013
IRF7769L1TRPbF
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.8
3.5
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
2.7
4.0
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-10
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
410
–––
–––
S
Qg
Total Gate Charge
–––
200
300
Qgs1
Pre-Vth Gate-to-Source Charge
–––
30
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
9.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
110
165
Qgodr
Gate Charge Overdrive
–––
51
–––
See Fig. 9
Qsw
Switch Charge (Qgs2 + Qgd)
–––
119
–––
Qoss
Output Charge
–––
53
–––
nC
RG
Gate Resistance
–––
1.5
–––
Ω
td(on)
Turn-On Delay Time
–––
44
–––
tr
Rise Time
–––
32
–––
td(off)
Turn-Off Delay Time
–––
92
–––
ns
tf
Fall Time
–––
41
–––
Ciss
Input Capacitance
–––
11560
–––
Coss
Output Capacitance
–––
1240
–––
pF
Crss
Reverse Transfer Capacitance
–––
590
–––
Coss
Output Capacitance
–––
6665
–––
Coss
Output Capacitance
–––
690
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
124
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
500
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
75
112
ns
Qrr
Reverse Recovery Charge
–––
220
330
nC
ID = 74A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 25V, ID = 74A
VDS = 50V
TJ = 25°C, IF = 74A, VDD = 50V
di/dt = 100A/μs i
TJ = 25°C, IS = 74A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250μA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 2mA
VGS = 10V, ID = 74A i
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10VÃi
VGS = 0V
ƒ = 1.0MHz
ID = 74A
MOSFET symbol
RG=1.8Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz


同様の部品番号 - IRF7769L1PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7769L1PBF IRF-IRF7769L1PBF Datasheet
267Kb / 10P
   RoHS Compliant, Halogen Free
More results

同様の説明 - IRF7769L1PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF7799L2PBF IRF-IRF7799L2PBF_15 Datasheet
268Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com