データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL1950 データシート(PDF) 11 Page - Integrated Device Technology

部品番号 9ZXL1950
部品情報  Fixed feedback path
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 データシート(HTML) 11 Page - Integrated Device Technology

Back Button 9ZXL1950 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 14Page - Integrated Device Technology 9ZXL1950 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
REVISION D 07/31/15
11
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1950 DATASHEET
9ZXL1950 SMBus Addressing
SADR(1:0)_tri
SMBus Address (Rd/Wrt bit = 0)
00
D8
0M
DA
01
DE
M0
C2
MM
C4
M1
C6
10
CA
1M
CC
11
CE
SMBusTable: PLL Mode, and Frequency Select Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
PLL Mode 1
PLL Operating Mode Rd back 1
R
Latch
Bit 6
PLL Mode 0
PLL Operating Mode Rd back 0
R
Latch
Bit 5
DIF_18_En
Output Control
RW
Low/Low
Enable
1
Bit 4
DIF_17_En
Output Control
RW
Low/Low
Enable
1
Bit 3
DIF_16_En
Output Control
RW
Low/Low
Enable
1
Bit 2
0
Bit 1
0
Bit 0
100M_133M#
Frequency Select Readback
R
133MHz
100MHz
Latch
SMBusTable: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7_En
Output Control
RW
1
Bit 6
DIF_6_En
Output Control
RW
1
Bit 5
DIF_5_En
Output Control
RW
1
Bit 4
DIF_4_En
Output Control
RW
1
Bit 3
DIF_3_En
Output Control
RW
1
Bit 2
DIF_2_En
Output Control
RW
1
Bit 1
DIF_1_En
Output Control
RW
1
Bit 0
DIF_0_En
Output Control
RW
1
SMBusTable: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_15_En
Output Control
RW
1
Bit 6
DIF_14_En
Output Control
RW
1
Bit 5
DIF_13_En
Output Control
RW
1
Bit 4
DIF_12_En
Output Control
RW
1
Bit 3
DIF_11_En
Output Control
RW
1
Bit 2
DIF_10_En
Output Control
RW
1
Bit 1
DIF_9_En
Output Control
RW
1
Bit 0
DIF_8_En
Output Control
RW
1
SMBusTable: PLL SW Override Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
PLL_SW_EN
Enable S/W control of PLL BW
RW
HW Latch
SMBus Control
0
Bit 2
PLL Mode 1
PLL Operating Mode 1
RW
1
Bit 1
PLL Mode 0
PLL Operating Mode 1
RW
1
Bit 0
0
Reserved
Reserved
Reserved
Reserved
Reserved
See PLL Operating Mode
Readback Table
Reserved
Low/Low
Enable
Low/Low
Enable
44/43
62/61
60/59
38/37
50/49
42/41
48/47
Byte 2
54/53
17/18
56/55
Byte 3
Note: Setting bit 3 to '1' allows the user to overide the Latch value from pin 4 via use of bits 2 and 1. Use the values from the PLL Operating
Mode Readback Table. Note that Byte 0, Bits 7:6 will keep the value originally latched on pin 4. A warm reset of the system will have to
accomplished if the user changes these bits.
Byte 0
4
4
72/71
68/67
66/65
23/24
19/20
35/36
31/32
29/30
25/26
3
Byte 1
See PLL Operating Mode
Readback Table
Reserved


同様の部品番号 - 9ZXL1950

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950BKLF RENESAS-9ZXL1950BKLF Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
More results

同様の説明 - 9ZXL1950

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZX21501C IDT-9ZX21501C Datasheet
224Kb / 19P
   Fixed feedback path
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
9ZXL1530 IDT-9ZXL1530 Datasheet
220Kb / 19P
   Fixed feedback path
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
[Old version datasheet]   Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
[Old version datasheet]   AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
[Old version datasheet]   AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
   Precision Feedback Controllers Fixed and PTAT references
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com