データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFB7430PBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRFB7430PBF
部品情報  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFB7430PBF データシート(HTML) 3 Page - International Rectifier

  IRFB7430PBF_15 Datasheet HTML 1Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 2Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 3Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 4Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 5Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 6Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 7Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 8Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFB7430PbF
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 2, 2015
3
S
D
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
150
–––
–––
S
Qg
Total Gate Charge
–––
300
460
nC
Qgs
Gate-to-Source Charge
–––
77
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
98
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
202
–––
td(on)
Turn-On Delay Time
–––
32
–––
ns
tr
Rise Time
–––
105
–––
td(off)
Turn-Off Delay Time
–––
160
–––
tf
Fall Time
–––
100
–––
Ciss
Input Capacitance
–––
14240
–––
pF
Coss
Output Capacitance
–––
2130
–––
Crss
Reverse Transfer Capacitance
–––
1460
–––
Coss eff. (ER)
Effective Output Capacitance (Energy Related)
–––
2605
–––
Coss eff. (TR)
Effective Output Capacitance (Time Related)
h
–––
2920
–––
Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
–––
–––
394
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1576
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
0.86
1.2
V
dv/dt
Peak Diode Recovery
f
–––
2.7
–––
V/ns
trr
Reverse Recovery Time
–––
52
–––
ns
TJ = 25°C
VR = 34V,
–––52–––
TJ = 125°C
IF = 100A
Qrr
Reverse Recovery Charge
–––
97
–––
nC
TJ = 25°C
di/dt = 100A/μs
g
–––97–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.3
–––
A
TJ = 25°C
RG = 2.7Ω
VGS = 10V
g
Conditions
VGS = 10V
g
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz
VDS =20V
ID = 100A
showing the
ID = 30A
VDD = 20V
TJ = 175°C, IS = 100A, VDS = 40V
Conditions
VDS = 10V, ID = 100A
TJ = 25°C, IS = 100A, VGS = 0V
g
integral reverse
p-n junction diode.
MOSFET symbol
VGS = 0V, VDS = 0V to 32V
i
VGS = 0V, VDS = 0V to 32V
h


同様の部品番号 - IRFB7430PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFB7430PBF IRF-IRFB7430PBF Datasheet
262Kb / 9P
   HEXFETPower MOSFET
logo
Kersemi Electronic Co.,...
IRFB7430PBF KERSEMI-IRFB7430PBF Datasheet
905Kb / 8P
   Brushed Motor drive applications
More results

同様の説明 - IRFB7430PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com