データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3-8RG5 データシート(PDF) 1 Page - Connor-Winfield Corporation

部品番号 SM3-8RG5
部品情報  8 REFERENCE STRATUM 3 MODULE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-8RG5 データシート(HTML) 1 Page - Connor-Winfield Corporation

  SM3-8RG5 Datasheet HTML 1Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 2Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 3Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 4Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 5Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 6Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 7Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 8Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Application
TheSM3-8RG5TimingModuleis
acompletesystemclockmodulefor
Stratum3timingapplicationsand
conformstoGR-1244-CORE(Issue
2),GR-253-CORE(Issue3)andITU-T
G.812(Option3).Applicationsinclude
sharedportadapters,datadigital
crossconnects,ADM’s,DSLAM’s,
multiserviceplatforms,switchesand
routersinTDM,SDHandSONET
environments.
TheSM3-8RG5TimingModule
guaranteesfullStratum3compliance
withaminimumofeffortandcost
inthesmallestcompletepackage
available.
ThisproductisROHS-5compliant.
ROHS-5indicatesthatthisproductis
ROHScompliantexceptforleadfrom
thosemanufacturerswishingtotake
theleadexemption.
Features
SmallPackageSize:
2.05”x1.25”x0.515”
EightAutoSelectInput
References,
8kHz-77.76MHz
FrequencyQualificationandLoss
ofReferencedetectionforeach
input
HitlessReferenceSwitching
Master/SlaveOperationwith
PhaseAdjustment
Manual/AutonomousOperation
Bi-DirectionalSPIPortControl
andStatusReporting
ThreeCMOSFrequencyOutputs
-Output1from1.544-77.76MHz,
M/S_Out@8KHz,BITS@2.048
MHzor1.544MHz
3.3Voperation
ROHS-5Compliant
SM3-8RG5
8 REFERENCE
STRATUM 3 MODULE
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
TM088
Page
1 of 32
Revision
07
Date
06 Sept 11
IssuedBy
ENG


同様の部品番号 - SM3-8RG5

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3-012.96M CONNOR-WINFIELD-SM3-012.96M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-019.44M CONNOR-WINFIELD-SM3-019.44M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-025.92M CONNOR-WINFIELD-SM3-025.92M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-038.88M CONNOR-WINFIELD-SM3-038.88M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-051.84M CONNOR-WINFIELD-SM3-051.84M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

同様の説明 - SM3-8RG5

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM34 CONNOR-WINFIELD-SM34 Datasheet
518Kb / 31P
   8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
   Fully meeting Stratum 3 reference clock requirements
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com