データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3E データシート(PDF) 1 Page - Connor-Winfield Corporation

部品番号 SM3E
部品情報  ULTRA MINIATURE STRATUM 3E MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E データシート(HTML) 1 Page - Connor-Winfield Corporation

  SM3E_15 Datasheet HTML 1Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 2Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 3Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 4Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 5Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 6Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 7Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 8Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Application
TheSM3ETimingModuleis
acompletesystemclockmodule
forStratum3Etimingapplications
andconformstoGR-1244-CORE
(Issue2),GR-253-CORE(Issue
3)andITU-TG.812(Option3).
Applicationsincludeshared
portadapters,datadigitalcross
connects,ADM’s,DSLAM’s,
multiserviceplatforms,switches
androutersinTDM,SDHand
SONETenvironments.
TheSM3ETimingModule
guaranteesfullStratum3E
compliancewithaminimumof
effortandcostinthesmallest
completepackageavailable.
Features
SmallPackageSize:
2.05”x1.25”x0.75”
EightAutoSelectInputReferences,
8kHz-77.76MHz
PhaseBuildout
HitlessReferenceSwitching
Betterthan1ppbinitialHoldOver
offset
FrequencyQualificationandLossof
Referencedetectionforeachinput
Master/SlaveOperationwithPhase
Adjustment
Manual/AutonomousOperation
Bi-DirectionalSPIPortControland
StatusReporting
ThreeCMOSFrequencyOutputs
-Output1from1.544-77.76MHz,
M/S_Out@8KHz,BITS@2.048MHz
or1.544MHz
3.3Voperation
SM3E
ULTRA MINIATURE
STRATUM 3E MODULE
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
TM054
Page
1 of 36
Revision
04
Date
26 Jan 11
IssuedBy
ENG


同様の部品番号 - SM3E_15

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3E-012.96M CONNOR-WINFIELD-SM3E-012.96M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-019.44M CONNOR-WINFIELD-SM3E-019.44M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-025.92M CONNOR-WINFIELD-SM3E-025.92M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-038.88M CONNOR-WINFIELD-SM3E-038.88M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-051.84M CONNOR-WINFIELD-SM3E-051.84M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results

同様の説明 - SM3E_15

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com